Part Number Hot Search : 
BAT54H MDS731 101MP KBU10M 16080 TLP1032F 2762I HD74L
Product Description
Full Text Search
 

To Download BAV99W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-323 Plastic-Encapsulated Diode
BAV99W
FEATURES
1. 25 A0. 05
1. 01 R EF
SWITCHING DIODE
SOT-323
Power dissipation PD: 200 mW (Tamb=25)
1. 30 A0. 03
2. 30 A0. 05
Collector current 150 mA IF: Collector-base voltage 75 V VR: Operating and storage junction temperature range TJ, Tstg: -55 to +150
Unit: mm
Marking: KJG
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) R IR
unless otherwise specified)
Test conditions MIN 75 2.5 715 855 1000 1250 2 MAX UNIT V
IR= 100A VR=75V IF=1mA IF=10mA IF=50mA IF=150mA VR=0V, f=1MHz IF=IR=10mA
0. 30
Forward voltage
VF
Diode capacitance
CD
Reveres recovery time
trr
Irr=0.1xIR RC=100
4
2. 00 A0. 05
A
mV
pF
nS


▲Up To Search▲   

 
Price & Availability of BAV99W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X